Part Number Hot Search : 
13N50C GKI10194 06K19FKE AD524AD NCP5181 STU446S D1246 L0025
Product Description
Full Text Search
 

To Download 6101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6101A Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
SCOTTSDALE DIVISION
DESCRIPTION
These low capacitance diode arrays are multiple, discrete, isolated junctions fabricated by a planar process and mounted in a 16-PIN package for use as steering diodes protecting up to eight I/O ports from ESD, EFT, or surge by directing them either to the positive side of the power supply line or to ground (see figure 1). An external TVS diode may be added between the positive supply line and ground to prevent overvoltage on the supply rail. They may also be used in fast switching core-driver applications. This includes computers and peripheral equipment such as magnetic cores, thin-film memories, plated-wire memories, etc., as well as decoding or encoding applications. These arrays offer many advantages of integrated circuits such as high-density packaging and improved reliability. This is a result of fewer pick and place operations, smaller footprint, smaller weight, and elimination of various discrete packages that may not be as user friendly in PC board mounting.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
APPEARANCE
WWW .Microsemi .C OM
16-PIN Ceramic DIP
FEATURES
* * * * * * * Hermetic Ceramic Package Isolated Diodes to Eliminate Cross-Talk Voltages High Breakdown Voltage VBR > 75 V at 5 A Low Leakage IR< 100nA at 40 V Low Capacitance C < 4.0 pF Switching Speeds less than 10 ns Options for screening in accordance with MIL-PRF19500/474 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or SP prefixes respectively to part numbers. For example, designate MX6101A for a JANTX screen. * * * * * * *
APPLICATIONS / BENEFITS
High Frequency Data Lines RS-232 & RS-422 Interface Networks Ethernet: 10 Base T Computer I/O Ports LAN Switching Core Drivers IEC 61000-4 Compatible (see circuit in figure 1) 61000-4-2 ESD: Air 15 kV, contact 8 kW 61000-4-4 (EFT): 40 A - 5/50 ns 61000-4-5 (surge): 12 A 8/20 s
MAXIMUM RATINGS
* * * * * * * Reverse Breakdown Voltage of 75 Vdc (Note 1 & 2) Continuous Forward Current of 300 mA dc (Note 1 & 3) Peak Surge Current (tp=1/120 s) of 500 mA dc (Note 1) o 400 mW Power Dissipation per Junction @ 25 C 600 mW Power Dissipation per Package @ 25oC (Note 4) Operating Junction Temperature range -65 to +150oC o Storage Temperature range of -65 to +150 C
NOTE 1: NOTE 2: NOTE 3: NOTE 4: Each Diode Pulsed: PW = 100 ms max; duty cycle <20% o o Derate at 2.4 mA/ C above +25 C o o Derate at 4.8 mW/ C above +25 C
MECHANICAL AND PACKAGING
* * * * * 16-PIN Ceramic DIP Weight 2.09 grams (approximate) Marking: Logo, part number, date code Pin #1 to the left of the indent on top of package Carrier Tubes; 25 pcs (standard)
ELECTRICAL CHARACTERISTICS (Per Diode) @ 25oC unless otherwise specified
MAXIMUM FORWARD VOLTAGE VF1 IF = 100 mA (Note 1) V MAXIMUM REVERSE CURRENT IR1 VR = 40 V A MAXIMUM REVERSE CURRENT IR2 VR = 20 V nA MAXIMUM CAPACITANCE (PIN TO PIN) MAXIMUM FORWARD RECOVERY TIME tfr IF = 100 mA ns MAXIMUM REVERSE RECOVERY TIME trr IF = IR = 10 mAdc irr = 1 mAdc RL = 100 ohms ns MAXIMUM FORWARD VOLTAGE MATCH VF5 IF = 10 mA mV
6101A
Ct
VR = 0 V F = 1 MHz pF
PART NUMBER
6101A
1
0.1
25
4.0
15
10
5
NOTE 1: Pulsed: PW = 300 s +/- 50 s, duty cycle <2%, 90 s after leading edge. Copyright (c) 2007 3-27-2007
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
6101A Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
SCOTTSDALE DIVISION
SYMBOLS & DEFINITIONS
Symbol VBR VF IR Ct DEFINITION Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current. Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified current. Maximum Leakage Current: The maximum leakage current that will flow at the specified voltage and temperature. Capacitance: The capacitance of the TVS as defined @ 0 volts at a frequency of 1 MHz and stated in picofarads.
WWW .Microsemi .C OM
SCHEMATIC
PACKAGE DIMENSIONS
CIRCUIT Supply rail (+VCC)
I/O Port
GND (or -VCC) Steering Diode Application
6101A
FIGURE 1
Copyright (c) 2007 3-27-2007
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2


▲Up To Search▲   

 
Price & Availability of 6101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X